|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MN101EF35D Type Internal ROM type ROM (byte) RAM (byte) Package (Lead-free) Minimum Instruction Execution Time MN101EF35D FLASH 64K+4K 4K TQFP048-P-0707B (Under development) 0.042 s (at 3.0 V to 3.6 V, 24 MHz) 62.5 s (at 3.0 V to 3.6 V, 32 kHz) Interrupts RESET, Watchdog, External 0 to 4, External 5 (key interrupt dedicated), External 6, Timer 0 to 4, Timer 6, Timer 7 (2 systems), Timer 8 (2 systems), Timer 9 (2 systems), Time base, Serial 1 (2 systems), Serial 2 (2 systems), Serial 4 (2 systems), A/D conversion finish, USB interrupts Timer counter 0 : 8-bit x 1 (square-wave output, PWM output, event count, simple pulse width measurement) (square-wave/PWM output to large current terminal P03 (TM0IOB) possible) Clock source................ 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source ........... coincidence with compare register 0 Timer counter 1 : 8-bit x 1 (square-wave output, event count, serial transfer clock) Clock source................ 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source ........... coincidence with compare register 1 Timer counter 0, 1 can be cascade-connected. Timer Counter Timer counter 2 : 8-bit x 1 (square-wave output, PWM output, event count, simple pulse width measurement, serial transfer clock) (square-wave/PWM output to large current terminal P03 (TM2IOB) possible) Clock source................ 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source ........... coincidence with compare register 2 Timer counter 3 : 8-bit x 1 (square-wave output, event count) Clock source................ 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source ........... coincidence with compare register 3 Timer counter 2, 3 can be cascade-connected. Timer counter 4 : 8-bit x 1 (square-wave output, PWM output, event count, simple pulse width measurement) Clock source................ 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source ........... coincidence with compare register 4 Timer counter 6 : 8-bit freerun timer Clock source................ 1/1 of system clock frequency; 1/1, 1/128, 1/8192 of OSC oscillation clock frequency; 1/1, 1/128, 1/8192 of XI oscillation clock frequency Interrupt source ........... coincidence with compare register 6 Timer counter 7 : 16-bit x 1 (square-wave output, PWM output (cycle / duty continuous variable), event count, pulse width measurement, input capture) (square-wave/PWM output to large current terminal P00 (TM7IOB) possible) Clock source................ 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source ........... coincidence with compare register 7 (2 lines), input capture register MAD00061AEM MN101EF35D Timer counter 8 : 16 bit x 1 (square-wave output, PWM output (cycle / duty continuous variable), event count, pulse width measurement, input capture) (square-wave/PWM output to large current terminal P01 (TM8IOB) possible) Clock source................ 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source ........... coincidence with compare register 8 (2 lines), input capture register Timer counter 9 : 16 bit x 1 (square-wave output, PWM output (cycle / duty continuous variable), event count, pulse width measurement, input capture) Clock source................ 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source ........... coincidence with compare register 8 (2 lines), input capture register Time base timer (one-minute count setting) Clock source................ 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency Interrupt source ........... 1/128, 1/256, 1/512, 1/1024, 1/4096, 1/8192, 1/16384, 1/32768 of clock source frequency Watchdog timer Interrupt source ........... 1/65536, 1/262144, 1/1048576 of system clock frequency Serial interface Serial 1 : synchronous type/UART (full-duplex) x 1 Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency, external clock Serial 2 : synchronous type/UART (full-duplex) x 1 Clock source................ 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency, external clock Serial 4 : synchronous type/multi-master IC x 1(applicable for 7-bit/10-bit address setting, general call) USB Functions Conforms to USB2.0. (Full-speed (12 Mbps) supported.) USB transceiver built-in 3 endpoints (FIFO built-in independently) FIFO size (EP0, 1, 2) : 16, 128, 128 bytes EP0 Control transfer IN/OUT (bi-direction) EP1 to EP2 Interrupt/Bulk/Isochronous transfer supported. Settable to IN or OUT. Double Buffering function supported. When the MAXP size is set to a half or less of the MAXFIFO size for each EP, the Double Buffering function is made validated automatically. I/O Pins I/O 37 Common use , Specified pull-up resistor available, Input/output selectable (bit unit) A/D converter Special Ports 10-bit x 8-ch. (with S/H) USB ports (D+, D-), Buzzer output, remote control carrier signal output, high-current drive port, clock output Correcting address designation : up to 7 addresses possible ROM Correction MAD00061AEM Development tools Pin Assignment In-circuit Emulator (Under development) 36 35 34 33 32 31 30 29 28 27 26 P72, SBT2A P75 D+ DPA0, AN0, TM0IOA, RMOUTA PA1, AN1, TM1IOA PA2, AN2, TM2IOA PA3, AN3, TM3IOA PA4, AN4, TM4IOA PA5, AN5, TM7IOA PA6, AN6, TM8IOA PA7, AN7, TM9IOA 37 38 39 40 41 42 43 44 45 46 47 48 10 12 11 1 2 3 4 5 6 7 8 9 25 24 23 22 21 20 19 P54, NBUZZERA, KEY4, SBO2B, TXD2B P53, BUZZERA, KEY3, SBI2B, RXD2B P70, SBO2A, TXD2A P66, SBO4A, SDA4A P50, KEY0, TM1IOB P51, KEY1, TM9IOB P67, SBT4A, SCL4A P71, SBI2A, RXD2A P52, KEY2, SBT2B P64, TM4IOB P63, TM3IOB P65, SBI4A CLKOUT, KEY5, P55 KEY6, P56 KEY7, P57 RMOUTC, TM0IOC, IRQ6, P10 IRQ4, P24 IRQ3, P23 IRQ2, P22 ACZ1, IRQ1, P21 ACZ0, IRQ0, P20 RMOUTB, TM2IOB, TM0IOB, LED3, P03 SBT1A, LED2, P02 RXD1A, SBI1A, TM8IOB, LED1, P01 MN101EF35D 18 17 16 15 14 13 OSC1 OSC2 XI, P91 XO, P90 VDD5 VSS MMOD VDD18 DMOD TQFP048-P-0707B TXD1A, SBO1A, TM7IOB, LED0, P00 Vref+ NRST, P27 MAD00061AEM Request for your special attention and precautions in using the technical information and semiconductors described in this book (1) If any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) The technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. Therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) The products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: - Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. - Any applications other than the standard applications intended. (4) The products and product specifications described in this book are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). Especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) Comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (ESD, EOS, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. When using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd. Industrial Co., Ltd. |
Price & Availability of MN101EF35D |